Part Number Hot Search : 
IRF830 SML60A16 2SK0796A 6047613 X3102V28 10420 28AT3 CD9018
Product Description
Full Text Search
 

To Download SUCS10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 On-board type
Ordering information
SUCS1R5
R
SUC
1 2
S
1R5
3 4
12
5
05
6
B
*This product will be released in
November 2004
including 3.3V output model.
*Please see our HP for details when this product is
released.
1Series name 2Single output 3Output wattage 4Input voltage 5Output voltage 6Mounting type B :SMD C :DIP
MODEL MAX OUTPUT WATTAGE[W] DC OUTPUT
SUCS1R50505 1.5 VOLTAGE[V] *1 5 CURRENT[A] 0.3
SUCS1R50512 1.56 12 0.13
SUCS1R50515 1.5 15 0.1
SUCS1R51205 1.5 5 0.3
SUCS1R51212 1.56 12 0.13
SUCS1R51215 1.5 15 0.1
SUCS1R52405 1.5 5 0.3
SUCS1R52412 1.56 12 0.13
SUCS1R52415 1.5 15 0.1
SUCS1R54805 1.5 5 0.3
SUCS1R54812 1.56 12 0.13
SUCS1R54815 1.5 15 0.1
SPECIFICATIONS
MODEL VOLTAGE[V] *2 CURRENT[A] INPUT *2 EFFICIENCY[%] VOLTAGE[V] CURRENT[A] www..com LINE REGULATION[mV] LOAD REGULATION[mV] -20 to +55C *3 RIPPLE[mVp-p] SU -40 to -20C *3 -20 to +55C *3 RIPPLE NOISE[mVp-p] OUTPUT -40 to -20C *3 -20 to +55C TEMPERATURE REGULATION[mV] -40 to +55C *4 DRIFT[mV] START-UP TIME[ms] OUTPUT VOLTAGE ADJUSTMENT RANGE[V] OUTPUT VOLTAGE SETTING[V] OVERCURRENT PROTECTION ISOLATION INPUT-OUTPUT OPERATING TEMP.,HUMID.AND ALTITUDE STORAGE TEMP.,HUMID.AND ALTITUDE ENVIRONMENT VIBRATION IMPACT AGENCY APPROVALS SAFETY CASE SIZE OTHERS COOLING METHOD
PROTECTION CIRCUIT AND OTHERS
SUCS1R50505 SUCS1R50512 SUCS1R50515 SUCS1R51205 SUCS1R51212 SUCS1R51215 SUCS1R52405 SUCS1R52412 DC4.5 - 9 DC9 - 18 DC18 - 36 0.417typ 0.433typ 0.417typ 0.169typ 0.176typ 0.169typ 0.084typ 0.087typ 72typ 72typ 72typ 74typ 74typ 74typ 74typ 75typ 5 12 15 5 12 15 5 12 0.3 0.13 0.1 0.3 0.13 0.1 0.3 0.13 20max 48max 60max 20max 48max 60max 20max 48max 40max 100max 120max 40max 100max 120max 40max 100max 80max 120max 120max 80max 120max 120max 80max 120max 120max 150max 150max 120max 150max 150max 120max 150max 120max 150max 150max 120max 150max 150max 120max 150max 200max 200max 200max 200max 200max 200max 200max 200max 50max 150max 180max 50max 150max 180max 50max 150max 80max 240max 290max 80max 240max 290max 80max 240max 20max 48max 60max 20max 48max 60max 20max 48max 20max (Minimum input, Io=100%) Fixed (TRM pin open) t5% adjustable by external VR
SUCS1R52415 SUCS1R54805 SUCS1R54812 DC36 - 76 0.083typ 0.042typ 0.043typ 75typ 74typ 75typ 15 5 12 0.1 0.3 0.13 60max 20max 48max 120max 40max 100max 120max 80max 120max 150max 120max 150max 150max 120max 150max 200max 200max 200max 180max 50max 150max 290max 80max 240max 60max 20max 48max
SUCS1R54815 0.042typ 75typ 15 0.1 60max 120max 120max 150max 150max 200max 180max 290max 60max
4.85 - 5.25 11.40 - 12.60 14.25 - 15.75 4.85 - 5.25 11.40 - 12.60 14.25 - 15.75 4.85 - 5.25 11.40 - 12.60 14.25 - 15.75 4.85 - 5.25 11.40 - 12.60 14.25 - 15.75 Works over 105% of rating and recovers automatically AC500V 1minute, Cutoff current = 10mA, DC500V 50MW min (20t15C) -40 to +71C, 20 - 95%RH (Non condensing) (Required Derating), 3,000m (10,000feet) max -40 to +85C, 20 - 95%RH (Non condensing), 9,000m (30,000feet) max 10 - 55Hz, 98.0m/s2 (10G), 3minutes period, 60minutes each along X, Y and Z axis 490.3m/s2 (50G), 11ms, once each along X, Y and Z axis UL60950-1, C-UL, EN60950-1 22.4X7.0X13.2mm (WXHXD) Convection
*1 *2 *3 *4 *
SUCW1R5xx12/SUCW1R5xx15 is available as single output, +24V/+30V. Rated input 5V, 12V, 24V or 48V DC Io=100% Ripple and Ripple Noise is measured by using measuring board with capacitor with in 25mm from output terminal. Drift is the change in DC output for an eight hour period after a half-hour warm-up at 25C. Parallel operation with other model is not possible.
G-20
On-board type
Ordering information
SUCS3
R
SUC S
1 2 3
3
4
12
5
05
6
B
7
-O
*This product will be released in
February 2005
including 3.3V output model.
*Please see our HP for details when this product is
released.
1Series name 2Single output 3Output wattage 4Input voltage 5Output voltage 6Mounting type B :SMD C :DIP 7Optional G :Capacitor between Input and Output is removed.
MODEL MAX OUTPUT WATTAGE[W] DC OUTPUT
SUCS30505 3 VOLTAGE[V] *1 5 CURRENT[A] 0.6
SUCS30512 3 12 0.25
SUCS30515 3 15 0.2
SUCS31205 3 5 0.6
SUCS31212 3 12 0.25
SUCS31215 3 15 0.2
SUCS32405 3 5 0.6
SUCS32412 3 12 0.25
SUCS32415 3 15 0.2
SUCS34805 3 5 0.6
SUCS34812 3 12 0.25
SUCS34815 3 15 0.2
SPECIFICATIONS
MODEL VOLTAGE[V] *2 INPUT CURRENT[A] *2 EFFICIENCY[%] VOLTAGE[V] CURRENT[A] LINE REGULATION[mV] www..com LOAD REGULATION[mV] -20 to +55C *3 RIPPLE[mVp-p] -40 to -20C *3 SU -20 to +55C *3 RIPPLE NOISE[mVp-p] OUTPUT -40 to -20C *3 -20 to +55C TEMPERATURE REGULATION[mV] -40 to +55C *4 DRIFT[mV] START-UP TIME[ms] OUTPUT VOLTAGE ADJUSTMENT RANGE[V] OUTPUT VOLTAGE SETTING[V] PROTECTION OVERCURRENT PROTECTION CIRCUIT AND REMOTE ON/OFF OTHERS ISOLATION INPUT-OUTPUT OPERATING TEMP.,HUMID.AND ALTITUDE STORAGE TEMP.,HUMID.AND ALTITUDE ENVIRONMENT VIBRATION IMPACT AGENCY APPROVALS SAFETY CASE SIZE OTHERS COOLING METHOD
*1 *2 *3 *4 *
SUCS30505 SUCS30512 SUCS30515 SUCS31205 SUCS31212 SUCS31215 SUCS32405 SUCS32412 SUCS32415 SUCS34805 SUCS34812 DC4.5 - 9 DC9 - 18 DC18 - 36 DC36 - 76 0.800typ 0.780typ 0.780typ 0.325typ 0.317typ 0.321typ 0.163typ 0.159typ 0.161typ 0.082typ 0.080typ 75typ 77typ 77typ 77typ 79typ 78typ 77typ 79typ 78typ 77typ 79typ 5 12 15 5 12 15 5 12 15 5 12 0.6 0.25 0.2 0.6 0.25 0.2 0.6 0.25 0.2 0.6 0.25 20max 48max 60max 20max 48max 60max 20max 48max 60max 20max 48max 40max 100max 120max 40max 100max 120max 40max 100max 120max 40max 100max 80max 120max 120max 80max 120max 120max 80max 120max 120max 80max 120max 120max 150max 150max 120max 150max 150max 120max 150max 150max 120max 150max 120max 150max 150max 120max 150max 150max 120max 150max 150max 120max 150max 200max 200max 200max 200max 200max 200max 200max 200max 200max 200max 200max 50max 150max 180max 50max 150max 180max 50max 150max 180max 50max 150max 80max 240max 290max 80max 240max 290max 80max 240max 290max 80max 240max 20max 48max 60max 20max 48max 60max 20max 48max 60max 20max 48max 20max (Minimum input, Io=100%) Fixed (TRM pin open) t5% adjustable by external VR 4.85 - 5.25 11.40 - 12.60 14.25 - 15.75 4.85 - 5.25 11.40 - 12.60 14.25 - 15.75 4.85 - 5.25 11.40 - 12.60 14.25 - 15.75 4.85 - 5.25 11.40 - 12.60 Works over 105% of rating and recovers automatically Provided (Negative logic L : ON, H : OFF) AC500V 1minute, Cutoff current = 10mA, DC500V 50MW min (20t15C) -40 to +71C, 20 - 95%RH (Non condensing) (Required Derating), 3,000m (10,000feet) max -40 to +85C, 20 - 95%RH (Non condensing), 9,000m (30,000feet) max 10 - 55Hz, 98.0m/s2 (10G), 3minutes period, 60minutes each along X, Y and Z axis 490.3m/s2 (50G), 11ms, once each along X, Y and Z axis UL60950-1, C-UL, EN60950-1 25X7.0X16.1mm (WXHXD) Convection
SUCS34815 0.080typ 79typ 15 0.2 60max 120max 120max 150max 150max 200max 180max 290max 60max
14.25 - 15.75
SUCW3xx12/SUCW3xx15 is available as single output, +24V/+30V. Rated input 5V, 12V, 24V or 48V DC Io=100% Ripple and Ripple Noise is measured by using measuring board with capacitor with in 25mm from output terminal. Drift is the change in DC output for an eight hour period after a half-hour warm-up at 25C. Parallel operation with other model is not possible.
G-22
On-board type
Ordering information
SUCS6
R
SUC S
1 2 3
6
4
12
5
05
6
B
7
-O
*This product will be released in
February 2005
including 3.3V output model.
*Please see our HP for details when this product is
released.
1Series name 2Single output 3Output wattage 4Input voltage 5Output voltage 6Mounting type B :SMD C :DIP 7Optional G :Capacitor between Input and Output is removed.
MODEL MAX OUTPUT WATTAGE[W] DC OUTPUT
SUCS60505 5 VOLTAGE[V] *1 5 CURRENT[A] 1
SUCS60512 6 12 0.5
SUCS60515 6 15 0.4
SUCS61205 6 5 1.2
SUCS61212 6 12 0.5
SUCS61215 6 15 0.4
SUCS62405 6 5 1.2
SUCS62412 6 12 0.5
SUCS62415 6 15 0.4
SUCS64805 6 5 1.2
SUCS64812 6 12 0.5
SUCS64815 6 15 0.4
SPECIFICATIONS
MODEL VOLTAGE[V] *2 INPUT CURRENT[A] *2 EFFICIENCY[%] VOLTAGE[V] CURRENT[A] LINE REGULATION[mV] www..com LOAD REGULATION[mV] -20 to +55C *3 RIPPLE[mVp-p] -40 to -20C *3 SU -20 to +55C *3 RIPPLE NOISE[mVp-p] OUTPUT -40 to -20C *3 -20 to +55C TEMPERATURE REGULATION[mV] -40 to +55C *4 DRIFT[mV] START-UP TIME[ms] OUTPUT VOLTAGE ADJUSTMENT RANGE[V] OUTPUT VOLTAGE SETTING[V] PROTECTION OVERCURRENT PROTECTION CIRCUIT AND REMOTE ON/OFF OTHERS ISOLATION INPUT-OUTPUT OPERATING TEMP.,HUMID.AND ALTITUDE STORAGE TEMP.,HUMID.AND ALTITUDE ENVIRONMENT VIBRATION IMPACT AGENCY APPROVALS SAFETY CASE SIZE OTHERS COOLING METHOD
*1 *2 *3 *4 *
SUCS60505 SUCS60512 SUCS60515 SUCS61205 SUCS61212 SUCS61215 SUCS62405 SUCS62412 SUCS62415 SUCS64805 SUCS64812 DC4.5 - 9 DC9 - 18 DC18 - 36 DC36 - 76 1.316typ 1.500typ 1.500typ 0.617typ 0.588typ 0.588typ 0.301typ 0.291typ 0.291typ 0.154typ 0.145typ 76typ 80typ 80typ 81typ 85typ 85typ 83typ 86typ 86typ 81typ 86typ 5 12 15 5 12 15 5 12 15 5 12 1 0.5 0.4 1.2 0.5 0.4 1.2 0.5 0.4 1.2 0.5 20max 48max 60max 20max 48max 60max 20max 48max 60max 20max 48max 40max 100max 120max 40max 100max 120max 40max 100max 120max 40max 100max 80max 120max 120max 80max 120max 120max 80max 120max 120max 80max 120max 120max 150max 150max 120max 150max 150max 120max 150max 150max 120max 150max 120max 150max 150max 120max 150max 150max 120max 150max 150max 120max 150max 200max 200max 200max 200max 200max 200max 200max 200max 200max 200max 200max 50max 150max 180max 50max 150max 180max 50max 150max 180max 50max 150max 80max 240max 290max 80max 240max 290max 80max 240max 290max 80max 240max 20max 48max 60max 20max 48max 60max 20max 48max 60max 20max 48max 20max (Minimum input, Io=100%) Fixed (TRM pin open) t5% adjustable by external VR 4.85 - 5.25 11.40 - 12.60 14.25 - 15.75 4.85 - 5.25 11.40 - 12.60 14.25 - 15.75 4.85 - 5.25 11.40 - 12.60 14.25 - 15.75 4.85 - 5.25 11.40 - 12.60 Works over 105% of rating and recovers automatically Provided (Negative logic L : ON, H : OFF) AC500V 1minute, Cutoff current = 10mA, DC500V 50MW min (20t15C) -40 to +71C, 20 - 95%RH (Non condensing) (Required Derating), 3,000m (10,000feet) max -40 to +85C, 20 - 95%RH (Non condensing), 9,000m (30,000feet) max 10 - 55Hz, 98.0m/s2 (10G), 3minutes period, 60minutes each along X, Y and Z axis 490.3m/s2 (50G), 11ms, once each along X, Y and Z axis UL60950-1, C-UL, EN60950-1 32.6X7.0X19.1mm (WXHXD) Convection
SUCS64815 0.145typ 86typ 15 0.4 60max 120max 120max 150max 150max 200max 180max 290max 60max
14.25 - 15.75
SUCW6xx12/SUCW6xx15 is available as single output, +24V/+30V. Rated input 5V, 12V, 24V or 48V DC Io=100% Ripple and Ripple Noise is measured by using measuring board with capacitor with in 25mm from output terminal. Drift is the change in DC output for an eight hour period after a half-hour warm-up at 25C. Parallel operation with other model is not possible.
G-24
On-board type
Ordering information
SUCS10
R
SUC S
1 2 3
10
4
12
5
05
6
B
7
-O
*This product will be released in
March 2005
including 3.3V output model.
*Please see our HP for details when this product is
released.
1Series name 2Single output 3Output wattage 4Input voltage 5Output voltage 6Mounting type B :SMD C :DIP 7Optional G :Capacitor between Input and Output is removed.
MODEL MAX OUTPUT WATTAGE[W] DC OUTPUT
SUCS100505 10 VOLTAGE[V] *1 5 CURRENT[A] 2
SUCS100512 10.8 12 0.9
SUCS100515 10.5 15 0.7
SUCS101205 10 5 2
SUCS101212 12 12 1
SUCS101215 12 15 0.8
SUCS102405 10 5 2
SUCS102412 12 12 1
SUCS102415 12 15 0.8
SUCS104805 10 5 2
SUCS104812 12 12 1
SUCS104815 12 15 0.8
SPECIFICATIONS
MODEL VOLTAGE[V] *2 INPUT CURRENT[A] *2 EFFICIENCY[%] VOLTAGE[V] CURRENT[A] LINE REGULATION[mV] www..com LOAD REGULATION[mV] -20 to +55C *3 RIPPLE[mVp-p] -40 to -20C *3 SU -20 to +55C *3 RIPPLE NOISE[mVp-p] OUTPUT -40 to -20C *3 -20 to +55C TEMPERATURE REGULATION[mV] -40 to +55C *4 DRIFT[mV] START-UP TIME[ms] OUTPUT VOLTAGE ADJUSTMENT RANGE[V] OUTPUT VOLTAGE SETTING[V] PROTECTION OVERCURRENT PROTECTION CIRCUIT AND REMOTE ON/OFF OTHERS ISOLATION INPUT-OUTPUT OPERATING TEMP.,HUMID.AND ALTITUDE STORAGE TEMP.,HUMID.AND ALTITUDE ENVIRONMENT VIBRATION IMPACT AGENCY APPROVALS SAFETY CASE SIZE OTHERS COOLING METHOD
*1 *2 *3 *4 *
SUCS100505 SUCS100512 SUCS100515 SUCS101205 SUCS101212 SUCS101215 SUCS102405 SUCS102412 SUCS102415 SUCS104805 SUCS104812 DC4.5 - 9 DC9 - 18 DC18 - 36 DC36 - 76 2.41typ 2.54typ 2.47typ 0.980typ 1.15typ 1.15typ 0.490typ 0.575typ 0.575typ 0.245typ 0.287typ 83typ 85typ 85typ 85typ 87typ 87typ 85typ 87typ 87typ 85typ 87typ 5 12 15 5 12 15 5 12 15 5 12 2 0.9 0.7 2 1 0.8 2 1 0.8 2 1 20max 48max 60max 20max 48max 60max 20max 48max 60max 20max 48max 40max 100max 120max 40max 100max 120max 40max 100max 120max 40max 100max 80max 120max 120max 80max 120max 120max 80max 120max 120max 80max 120max 120max 150max 150max 120max 150max 150max 120max 150max 150max 120max 150max 120max 150max 150max 120max 150max 150max 120max 150max 150max 120max 150max 200max 200max 200max 200max 200max 200max 200max 200max 200max 200max 200max 50max 150max 180max 50max 150max 180max 50max 150max 180max 50max 150max 80max 240max 290max 80max 240max 290max 80max 240max 290max 80max 240max 20max 48max 60max 20max 48max 60max 20max 48max 60max 20max 48max 20max (Minimum input, Io=100%) Fixed (TRM pin open) t5% adjustable by external VR 4.85 - 5.25 11.40 - 12.60 14.25 - 15.75 4.85 - 5.25 11.40 - 12.60 14.25 - 15.75 4.85 - 5.25 11.40 - 12.60 14.25 - 15.75 4.85 - 5.25 11.40 - 12.60 Works over 105% of rating and recovers automatically Provided (Negative logic L : ON, H : OFF) AC500V 1minute, Cutoff current = 10mA, DC500V 50MW min (20t15C) -40 to +71C, 20 - 95%RH (Non condensing) (Required Derating), 3,000m (10,000feet) max -40 to +85C, 20 - 95%RH (Non condensing), 9,000m (30,000feet) max 10 - 55Hz, 98.0m/s2 (10G), 3minutes period, 60minutes each along X, Y and Z axis 490.3m/s2 (50G), 11ms, once each along X, Y and Z axis UL60950-1, C-UL, EN60950-1 40.2X7.0X22.7mm (WXHXD) Convection
SUCS104815 0.287typ 87typ 15 0.8 60max 120max 120max 150max 150max 200max 180max 290max 60max
14.25 - 15.75
SUCW10xx12/SUCW10xx15 is available as single output, +24V/+30V. Rated input 5V, 12V, 24V or 48V DC Io=100% Ripple and Ripple Noise is measured by using measuring board with capacitor with in 25mm from output terminal. Drift is the change in DC output for an eight hour period after a half-hour warm-up at 25C. Parallel operation with other model is not possible.
G-26
On-board type
Instruction Manual
1 2
Pin Configuration Function
2.1 2.2 2.3 2.4 2.5 Input voltage range Overcurrent protection(ocp) Isolation Adjustable voltage range Remote ON/OFF
G-38
G-38 G-38 G-38 G-38 G-38 G-39
3 4
Wiring to Input/Output Pin Series and Parallel Operation
4.1 4.2 Series operation Parallel redundancy operation
G-39
G-40 G-40 G-40
5 6
www..com
Input Voltage/Current Range Implementation-Mounting Method
6.1 6.2 6.3 6.4 Installation method Automatic mounting Input/Output Pin Cleaning
G-40
G-41 G-41 G-41 G-41 G-41 G-41
SU
7 8
Safety Considerations Peak Current (Pulse Load)
G-42
G-37
On-board type
Instruction Manual
The power supply has a current foldback characteristics,it may not start up when connected to nonlinear load such as a lamp, motor or constant current load. See the characteristics below.
1 Pin Cofiguration
Table1.1 Pin configuration and function No. 1 2 3 4 5 6 7 8 Pin connection +Vin RC -Vin +Vout COM TRM -Vout Case connecting pin Function +DC input Remote ON/OFF (excluding 1R5) -DC input +DC output GND of output voltage (Only applicable for Dual output) Adjustment voltage range -DC output If connected to -side of input,the case potential can be fixed and the value of radiation noise can be reduced. (only applicable for SUC)
Output voltage [V]
V
A 100 Load factor [%]
Single Output
1 Input 2 3 +Vin RC -Vin 8 +Vout TRM -Vout 4 6 7 Load
: Load characteristics of power supply. : Characteristics of load (lamp, motor, constant current load, etc.). Note: In case of nonlinear load, the output is locked out at A point.
Fig.2.1 Current foldback characteristics
2.3 Isolation
For a receiving inspection, such as Hi-Pot test, gradually increase (decrease) the voltage for the start (shut down). Avoid using HiPot tester with the timer because it may generate voltage a few times higher than the applied voltage, at ON/OFF of a timer.
Case connecting pin
Dual(t)Output
1 +Vin COM Input 2 3 RC TRM -Vin -Vout 7 8 Case connecting pin 6 Load +Vout 4 5 Load Load
2.4 Adjustable voltage range
The output voltage is adjustable by external potentiometer (Refer to Table 2.1). Output voltage is increased by turning potentiometer clockwise and is decreased by turning potentiometer counterclockwise. The wiring to the potentiometer should be as short as possible. The temperature coefficient varies depending on the type of resistor and potentiometer. It is recommended that the following types be used. Resistor.................Metal film type. coefficient of less than t300ppm/C Potentiometer........Cermet type, coefficient of less than t100ppm/C When the output voltage adjustment is not used, open the TRM pin. Dual output is simultaneously adjustment of t.
www..com Fig.1.1 Pin configuration
SU
Case connecting pin Case connecting pin is available. By connecting the pin to -side of input, the radiation noise from main body can be reduced. Solder the case connecting pin with the substrate for the reliability improvement.
2 Function
2.1 Input voltage range
If the wrong input is applied, the unit will not operate properly and/or may be damaged.
+Vout
Output
External resistor R1 Potentiometer VR
Load
-Vout TRM
External resistor R2
2.2 Overcurrent protection
Overcurrent protection circuit is built-in and comes into effect at over 105% of the rated current.Overcurrent protection prevents the unit from short circuit and over current condition of less than 20 sec. The unit automatically recovers when the fault condition is cleared.
Fig.2.2 Connection devices outside the power supply
G-38
On-board type
Instruction Manual
Table 2.1 Devises outside the power supply (Adjustable t5%) No. Output voltage 1 2 3 4 5 5V 12V 15V t12V t15V The constant value of devices outside the power supply (Unit:W) VR R1 R2 1K 100 270 5K 10K 1.2K 5K 10K 470 5K 18K 470 5K 18K 470
3 Wiring to Input/Output Pin
Basically, SU / SUC series do not require any external capacitor. However, as pi filter is composed by connecting capacitor:Ci close to the input pin, reflected input noise from converter can be reduced. It is recommended to use high performance (temperature compensation and high frequency characteristics) capacitor. If abnormal voltage like a high surge is applied to the input side, Ci is effective to reduce its level. However, Ci life time should be considered. When the external filter which contains L(inductance) is installed on input line, or the length of wire from input source to converter is greatly long, the reflected input noise might be increased, the input voltage might get several times higher than a normal level
2.5 Remote ON/OFF(excluding 1R5)
Remote ON / OFF circuits is built-in on input side.
SU3/SUC3, SU6/SUC6
Remote ON / OFF connection and specification refer to below.
+Vin +Vin +Vin
RC
RC
RC
and also output voltage might be unstable when turned on. In this case, Ci should be connected to the input pin.
-Vin input 5V
-Vin input 12V
-Vin input 24, 48V
L Input Ci
+Vin
Fig.2.3 RC connection example Table 2.2 Specification of Remote ON / OFF Between RC and -Vin (VRC) Short or 0V[VRC[0.4V 1.0V[VRC[9.0V Output voltage ON OFF Table 3.1 Recommended capacitance Ci [ F] Model SU/SUC1R5 SU/SUC3 SU/SUC6 SU/SUC10 Input voltage(V) 5 100 220 470 470 12 47 100 220 220 24 33 47 100 100 48 10 22 47 47 The capacitance can be increased and decreased depending on effect. Avoid the reverse polarity input voltage. It will damage the power supply.
IC Relay
-Vin
Fig.3.1 Connection method of capacitor at input pin
When remote ON / OFF function is not used, please short between RC and -Vin.
SU10,SUC10
Remote ON / OFF connection and specification refer to below. www..com
Vcc Rc RC or or
SU
-Vin Transistor
It is possible to protect the unit from the reverse input voltage by installing an external diode as shown in Fig.3.2. (a)
+Vin
Fig.2.4 RC connection example Table 2.3 Specification of Remote ON / OFF Between RC and -Vin (VRC) Short or 0V[VRC[1.2V Open or 2.4V[VRC[7.0V Output voltage ON OFF
(b)
+Vin
-Vin
-Vin
Fig.3.2 Reverse input voltage protection Basically, SU / SUC series do not require any external capacitor. However, the output ripple voltage can be reduced by connecting capacitor : Co to the output pin as follows.
When RC pin is "Low" level, fan out current is 0.5mA typ. When Vcc is applied, use Vcc [ 7V. When remote ON/OFF function is not used, please short between RC and -Vin.
G-39
On-board type
Instruction Manual
(c)
+ -
+Vout Co -Vout SUS/SUCS Load
+Vout Co COM Co -Vout Load Load
Fig.3.3 Connection method of external capacitor at output pin Table 3.2 Recommended capacitance Co [ F] Model Output voltage(V) 5 12 15 effect. When the distance between load and DC output is long, please install capacitor at load as shown below. SU/SUC1R5 SU/SUC3 SU/SUC6 SU/SUC10 100 100 100 220 100 100 220 100 100 220 100 100
Power supply
+ -
Fig.4.1 Series operation
4.2 Parallel redundancy operation
Parallel redundancy operation is available by connecting the units as shown below. I1
The capacitance can be increased and decreased depending on
Power supply
+ -
Load
SUW/SUCW
Load
Power supply
+Vin Input -Vin
+Vout Load -Vout
I2
Power supply
+ -
Fig.4.2 Parallel redundancy operation Fig.3.4 Connection method of capacitor at load Values of I1 and I2 become unbalanced by a slight different of the output voltage. Make sure that the output voltage of units is of equal value and the output current from each power supply does not exceed the rated current. I1, I2 [ the rated current value
4 Series and Parallel Operation
www..com
4.1 Series operation
Series operation is available by connecting the outputs of two or more power supplies, as shown below. Output currents in series connection should be lower than the lowest rated current in each unit. (a) When the output voltage is less than 5V.
SU
5 Input Voltage/ Current Range
When a non-regulated source is used as a front end, make sure that the voltage fluctuation together with the ripple voltage will not exceed the input voltage range. Select the converter that is able to handle the start-up current (Ip).
Input voltage range
Power supply Power supply
+
+ D3 Input current (A) D4
Load
-
D1
D2
Ip
D1 - D4:Please use Schottky Barrier Diode. (b) When the output voltage is more than 12V.
Power supply Power supply
+ D1
Load
-
Input voltage (V)
+ D2 -
Fig.5.1 Input current characteristics
D1,D2:Please use Schottky Barrier Diode.
G-40
Load
On-board type
Instruction Manual
6.4 Cleaning
When cleaning is necessary, follow the undermentioned condition. Method: Varnishing, ultrasonic wave and vapor Cleaning agents: IPA (Solvent type) Total time: 2 minutes or less After cleaning, dry them enough. In case of ultrasonic wave cleaning, the ultrasonic should be less than 15kw/m3
6 Implementation-Mounting Method
6.1 Installation method
The unit can be mounted in any direction. Position them with proper intervals to allow enough air ventilation. Ambient temperature around each power supply should not exceed the temperature range shown in derating curve. Avoid placing pattern layout in hatched area in Fig.6.1 to insulate between pattern and power supply.
2mm 2mm outline +Vin +Vout
7 Safety Considerations
To apply for safety standard approval using this power supply, the following conditions must be met. This unit must be used as a component of the end-use equipment. The equipment does neither contain any basic nor double / reinforced insulation between input and output. If the input voltage is greater than 60VDC, this has to be provided by the end-use equipment according to the final build in condition.
-Vin
-Vout
Fig.6.1 Prohibition area of pattern layout
6.2 Automatic mounting
SU/SUC series (TYPE:B) is designed to have a large flat area in the center of the top surface to serve as a pick up point for automated vacuum pick and place equipment. An excessively low bottom dead point of the suction nozzle imposes great force on the core during mounting, causing cracked core. So during mounting, take enough care. Refer to External view.
6.3 Input/Output Pin
www..com When too much stress is applied on the input/output pins of the unit, the internal connection may be weakened. As below Fig. 6.2, avoid applying stress of more than 19.6N (2kgf) vertically. The input/output pins are soldered on PCB internally, therefore, do not pull or bend them with abnormal forces. When additional stress is expected to be put on the input/output pins because of vibration or impacts, fix the unit on PCB (using silicone rubber or fixing fittings) to reduce the stress onto the input/output pins.
SU
Less than 19.6N (2kgf)
Less than 19.6N (2kgf)
Fig.6.2 Stress onto the pins
G-41
On-board type
Instruction Manual
8 Peak Current (Pulse Load)
It is possible to supply the pulse current for the pulse load by connecting the capacitor externally at the output side.
Io +Vin +Vout C COM -Vin -Vout External capacitor Iop Pulse load V0
Wave form of pulse load current
0
Iop:Current at peak Is :Steady-state current
Is
DVo
Wave form of 0 output voltage
DVo:Fluctuation of
output voltage
t T
The average current Iav of output is shown in below formula. lav = Is + (Iop - Is)t T
The required electrolytic capacitor C is found by below formula. www..com (Iop - Iav)t C= DVo
SU
G-42


▲Up To Search▲   

 
Price & Availability of SUCS10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X